| データシートサーチシステム |
|
LM1079AFW データシート(PDF) 7 Page - Shenzhen TOPWAY Technology Co., Ltd |
|
|
|||||||||||||||||||||||||||||
LM1079AFW データシート(HTML) 7 Page - Shenzhen TOPWAY Technology Co., Ltd |
|
7 / 10 page ![]() TOPWAY LCD Module User Manual LM1079AFW URL: www.topwaydisplay.com www.topwaysz.com Document Name: LM1079AFW-Manual-Rev0.1 Page: 7 of 10 4. Function Specifications 4.1 Adjusting the Display Contrast - This LCD module equipped with latest digital contrast adjustment function. - Its display contrast could be adjusted by MCU command. (please see the command tables for details) - It is recommended to provide a contrast adjustment interface for end-user, where the best display result could meet the individual preference in mass production. 4.2 Resetting the LCD module The LCD module should be initialized by using /RST terminal. While turning on the VDD and VSS power supply, maintain /RST terminal at LOW level. After the power supply stabilized, release the reset terminal (/RST=HIGH) 4.3 Display Memory Map Column Add (dec) 0 1 … 106 107 LINE D7, D6 D4, D3 D1, D0 D7, D6 D4, D3 D1, D0 D7, D6 D4, D3 D1, D0 D7, D6 D4, D3 0 1 2 : : : 125 126 127 Pixel mapping (Top View) Note: *1. Based on the top view of the LCD module *2. The above is memory map based on: MX[1:0]=11 , MY=1 Inverse Display = Normal All Pixel ON/OFF =OFF Display ON/OFF = ON Partial Mode = OFF Start Line =0 Display Mode = Monochrome mode Display Duty = 1/160 *3. 1Byte data in Column Add relate to 3 pixels *4. D7D6/D4D3/D1D0=11, on dot ; D7D6/D4D3/D1D0=00, off dot ; D5,D2 has no function *5. please refer to ST7586s datasheet for details and gray scale operation 320x128dot |