データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDR54 データシート(PDF) 1 Page - First Silicon Co., Ltd

部品番号 FDR54
部品情報  Schottky Barrier Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FS [First Silicon Co., Ltd]
ホームページ  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FDR54 データシート(HTML) 1 Page - First Silicon Co., Ltd

  FDR54 Datasheet HTML 1Page - First Silicon Co., Ltd FDR54 Datasheet HTML 2Page - First Silicon Co., Ltd FDR54 Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MAXIMUM RATINGS (TJ = 125°C unless otherwise noted)
Rating
Symbol
Value
Unit
Reverse Voltage
VR
30
Volts
Forward Power Dissipation
@ TA = 25°C
Derate above 25
°C
PD
225
2.0
mW
mW/
°C
Forward Current (DC)
IF
200 Max
mA
Junction Temperature
TJ
125 Max
°C
Storage Temperature Range
Tstg
– 55 to +150
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (EACH DIODE)
Characteristic
Symbol
Min
Typ
Max
Unit
Reverse Breakdown Voltage (IR = 10 µA)
V(BR)R
30
Volts
Total Capacitance (VR = 1.0 V, f = 1.0 MHz)
CT
7.6
10
pF
Reverse Leakage (VR = 25 V)
IR
0.5
2.0
µAdc
Forward Voltage (IF = 0.1 mAdc)
VF
0.22
0.24
Vdc
Forward Voltage (IF = 30 mAdc)
VF
0.41
0.5
Vdc
Forward Voltage (IF = 100 mAdc)
VF
0.52
1.0
Vdc
Reverse Recovery Time
(IF = IR = 10 mAdc, IR(REC) = 1.0 mAdc) Figure 1
trr
5.0
ns
Forward Voltage (IF = 1.0 mAdc)
VF
0.29
0.32
Vdc
Forward Voltage (IF = 10 mAdc)
VF
0.35
0.40
Vdc
Forward Current (DC)
IF
200
mAdc
Repetitive Peak Forward Current
IFRM
300
mAdc
Non–Repetitive Peak Forward Current (t < 1.0 s)
IFSM
600
mAdc
ANODE
1
CATHODE
3
These Schottky barrier diodes are designed for high speed switching applications,
circuit protection, and voltage clamping. Extremely low forward voltage reduces
conduction loss. Miniature surface mount package is excellent for hand held and
portable applications where space is limited.
• Extremely Fast Switching Speed
• Low Forward Voltage — 0.35 Volts (Typ) @ IF = 10 mAdc
Barrier Diodes
Schottky
DEVICE MARKING AND ORDERING INFORMATION
Device
Marking
Shipping
FDR54LT1G
3000/Tape&Reel
FDR54LT3G
10000/Tape&Reel
JV3
JV3
J
We declare that the material of product
compliance with RoHS requirements.
SEMICONDUCTOR
TECHNICAL DATA
FDR54
2011. 07. 13
1/3
Revision No : 0
SOT –23
1
3
2


同様の部品番号 - FDR54

メーカー部品番号データシート部品情報
logo
First Silicon Co., Ltd
FDR54A FS-FDR54A Datasheet
129Kb / 3P
Dual Serles Schottky Barrler Dlodes
FDR54ADW FS-FDR54ADW Datasheet
575Kb / 5P
SCHOTTKY BARRIER DIODE ARRAYS
FDR54BRW FS-FDR54BRW Datasheet
575Kb / 5P
SCHOTTKY BARRIER DIODE ARRAYS
FDR54C FS-FDR54C Datasheet
128Kb / 3P
Dual Serles Schottky Barrler Dlodes
FDR54CDW FS-FDR54CDW Datasheet
575Kb / 5P
SCHOTTKY BARRIER DIODE ARRAYS
More results

同様の説明 - FDR54

メーカー部品番号データシート部品情報
logo
Zetex Semiconductors
ZC2800E ZETEX-ZC2800E Datasheet
104Kb / 3P
SCHOTTKY BARRIER DIODES
logo
Leshan Radio Company
MMBD101LT1 LRC-MMBD101LT1 Datasheet
52Kb / 2P
Schottky Barrier Diodes
RB721Q LRC-RB721Q Datasheet
20Kb / 1P
SCHOTTKY BARRIER DIODES
logo
ON Semiconductor
BAT54AWT1 ONSEMI-BAT54AWT1 Datasheet
49Kb / 4P
Schottky Barrier Diodes
October, 2005 ??Rev. 1
logo
Formosa MS
FM0520-M FORMOSA-FM0520-M Datasheet
80Kb / 2P
Chip Schottky Barrier Diodes - Chip Schottky Barrier Diodes
logo
Leshan Radio Company
LBAT54WT1 LRC-LBAT54WT1 Datasheet
89Kb / 3P
Schottky Barrier Diodes
logo
Fairchild Semiconductor
BAS40SL FAIRCHILD-BAS40SL_10 Datasheet
108Kb / 4P
Schottky Barrier Diodes
BAS70SL FAIRCHILD-BAS70SL_10 Datasheet
109Kb / 4P
Schottky Barrier Diodes
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com