| データシートサーチシステム |
|
EYMF2CSMM データシート(PDF) 13 Page - Taiyo Yuden (U.S.A.), Inc |
|
|
|||||||||||||||||||||||||||||
EYMF2CSMM データシート(HTML) 13 Page - Taiyo Yuden (U.S.A.), Inc |
|
13 / 14 page ![]() 34+0.3 -0.3 1.5X9 6 3.5 3.5 1.5X5 1 16 17 32 PRELIMINARY Class1 UART Full Module EYSF1UA**, EYSF1UA**-** Bluetooth® Module TAIYO YUDEN Aug./2004 Ver.1.0 General Electrical Specification DH5 packet , 921.6kbps,HCI, TX=Max Power,VDD=3.3V V 3.4 3.3 3.2 Operating Voltage (VDD_PA) mA 180 135 Continues TX, ,VDD=3.3V Peak Current mA 56 Receive, (Slave) Average Current Consumption 3 mA 0.9 Deep Sleep ,VDD=3.3V Average Current Consumption 4 deg-C +70 -20 General Operating temperature condition V 0.4 - Output Low Voltage V - - 0.8VDD Input High Voltage V - - VDD-0.6 Output High Voltage mA 95 Send ,(Master) Average Current Consumption 2 mA 43 Audio with HV3 ,VDD=3.3V , TX=Max Power, Slave Average Current Consumption 1 V 0.2VDD - - UART,PCM,GPIO Input Low Voltage - 5:1 No abnormal Oscillation Load Impedance dBm -70 -81 RX Sensitivity dBm +20 +17 measured in 50 ohm,VDD_PA=VDD=3.3V RF Output Power V VDD_PA 3.2 Operating Voltage (VDD) GHz 2.480 2.402 Carrier Frequency Units Max. Typ. Min. Description Parameter Block Diagram Unit;mm Features •PC peripheral equipment •Home Network , AV •Access Point , FA etc Applications Outline Note: The above PRELIMINARY data are not guaranteed and are subject to change without notice. The Bluetooth® word mark and logos are owned by the Bluetooth SIG, Inc. and any use of such marks by TAIYO YUDEN CO., LTD. is under license. FLASH ROM RADIO MATCHING B.P.F CRYSTAL MHz 32 ARM7 TDMI ROM / RAM BB PCM PCM (4) UART (4) GPIO (4) UART GPIO VDD CRYSTAL kHz 32 RESET GND JTAG (5) VOLTAGE REGULATOR SW MATCHING PA L.P.F VDD_PA JTAG VOLTAGE REGULATOR •The module is a Max.20dBm( Class1 ) module. •Bluetooth® standard Ver1.2(Mandatory) conformity. ( Ready for Optional Ver1.2 features ) •Internal baseband clock oscillator. •Support functions SCO links,ACL links,Piconet<7>,Hold,Sniff,Park, Power Control •Interface:UART,PCM,GPIO •Protocol stack: Under HCI firmware Type, GAP+SDP+SPP+DUN+FAX+OPP+GOEP+HSP, A2DP+AVRCP+AVDTP+GAVDP+AVCTP+(HSP), HCRP+BIP +OPP+GOEP Stacked Type , etc •Small outline. 34.0 x 15.6 x 2.4 mm • RoHS regulation substance (Pb.Cd.Hg.Cr+6.PBB.PBDE) : Non use |