| データシートサーチシステム |
|
LM3033CDW-0B データシート(PDF) 12 Page - Shenzhen TOPWAY Technology Co., Ltd |
|
|
|||||||||||||||||||||||||||||
LM3033CDW-0B データシート(HTML) 12 Page - Shenzhen TOPWAY Technology Co., Ltd |
|
12 / 13 page ![]() TOPWAY LCD Module User Manual LM3033CDW-0B URL: www.topwaydisplay.com www.topwaysz.com Document Name: LM3033CDW-0B-Manual-Rev0.1.DOC Page: 12 of 13 4.5.2 Extended Instruction Set RE=1, extended instruction set Code Instructions Function SCROLL or RAM ADDR SELECT 0 0 0 0 0 0 0 0 1 SR SR=1, enable vertical scroll position SR=0, enable CGRAM address (basic instruction) REVERSE 0 0 0 0 0 0 0 1 R1 R0 Toggle 1 out of 4 line (in DDRAM) of the display to be reversed (initial value is R1 ,R0 = 0, 0 EXTENDED FUNCTION SET 0 0 0 0 1 DL X RE G 0 DL=1, 8bit interface DL=0, 4bit interface RE=1, extended instruction RE=0; basic instruction G=1, graphics display ON G=0, graphics display OFF SET SCROLL ADDR 0 0 0 1 AC5 AC4 AC3 AC2 AC1 AC0 Set the address of vertical scroll Make sure extended instruction SR=1, enable vertical scroll position. 0 0 1 AC6 AC5 AC4 AC3 AC2 AC1 AC0 SET GRAPHICS RAM ADDR 0 0 1 0 0 0 AC3 AC2 AC1 AC0 Set the GDRAM address to address counter (AC) Dual byte command should write consecutively First byte set the Vertical address AC6~AC0 Second byte set the Horizontal address AC3~AC0 Note: *1. For the details of the Display Control Instructions, please refer to Sitronix ST7920 series datasheet. *2. RE is the selection byte of basic and extended instruction set. Each time altering the value of RE, it will remain. Thus, it is not necessary to set RE every time when using the same group of instruction set |