| データシートサーチシステム |
|
LM2088SFW-2C データシート(PDF) 9 Page - Shenzhen TOPWAY Technology Co., Ltd |
|
|
|||||||||||||||||||||||||||||
LM2088SFW-2C データシート(HTML) 9 Page - Shenzhen TOPWAY Technology Co., Ltd |
|
9 / 13 page ![]() TOPWAY LCD Module User Manual LM2088SFW-2C URL: www.topwaydisplay.com www.topwaysz.com Document Name: LM2088SFW-2C-Manual-Rev0.1 Page: 9 of 13 5. Function Specifications 5.1 Adjusting the Display Contrast A Variable-Resistor must be connected to the LCD module for providing a reference to V0. Adjusting the VR will result the change of LCD display contrast. The recommended value of VR is 25k to 50k 5.2 Resetting the LCD module The LCD module should be initialized by hardware reset, using /RES terminal. 5.3 Interfacing Setting Jumpers could been used to change bus interfacing family Jumper SEL1 Function Description JP4 JP3 close open L 8080 mode selected <default> open close H 6800 mode selected 5.4 Display Pixel Map 1,1 (D7) 2,1 (D6) 3,1 (D5) 4,1 (D4) 5,1 (D3) - - - - - - 316,1 (D4) 317,1 (D3) 318,1 (D2) 319,1 (D1) 320,1 (D0) 1,2 (D7) 2,2 (D6) 3,2 (D5) 4,2 (D4) 5,2 (D3) - - - - - - 316,2 (D4) 317,2 (D3) 318,2 (D2) 319,2 (D1) 320,2 (D0) 1,3 (D7) 2,3 (D6) 3,3 (D5) 4,3 (D4) 5,3 (D3) - - - - - - 316,3 (D4) 317,3 (D3) 318,3 (D2) 319,3 (D1) 320,3 (D0) : : : : : : : : : : : : : : : : : : : : : : : : : : : : : : : : : : : : 1,238 (D7) 2,238 (D6) 3,238 (D5) 4,238 (D4) 5,238 (D3) - - - - - - 316,238 (D4) 317,238 (D3) 318,238 (D2) 319,238 (D1) 320,238 (D0) 1,239 (D7) 2,239 (D6) 3,239 (D5) 4,239 (D4) 5,239 (D3) - - - - - - 316,239 (D4) 317,239 (D3) 318,239 (D2) 319,239 (D1) 320,239 (D0) 1,240 (D7) 2,240 (D6) 3,240 (D5) 4,240 (D4) 5,240 (D3) - - - - - - 316,240 (D4) 317,240 (D3) 318,240 (D2) 319,240 (D1) 320,240 (D0) Pixel mapping (Top View) Note: *1. Based on the top view of the LCD module, the 1, 1 (x, y) pixel is the upper-left pixel; the 320, 240 (x, y) pixel is the lower-right pixel. *2. For the details of memory mapping please refer to RA8835 datasheet. V0 VSS VDD VR VOUT |