データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EMC1822 データシート(PDF) 2 Page - Microchip Technology

部品番号 EMC1822
部品情報  Multi-Channel Low Voltage Temp Sensors with Shutdown
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1822 データシート(HTML) 2 Page - Microchip Technology

  EMC1822 Datasheet HTML 1Page - Microchip Technology EMC1822 Datasheet HTML 2Page - Microchip Technology EMC1822 Datasheet HTML 3Page - Microchip Technology EMC1822 Datasheet HTML 4Page - Microchip Technology EMC1822 Datasheet HTML 5Page - Microchip Technology EMC1822 Datasheet HTML 6Page - Microchip Technology EMC1822 Datasheet HTML 7Page - Microchip Technology EMC1822 Datasheet HTML 8Page - Microchip Technology EMC1822 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 103 page
background image
This device family introduces rate of change temperature measurement with associated alerts. This provides
a preemptive system alert and another protective measurement layer to catch and manage variable system
temperatures.
The Resistance Error Correction feature automatically eliminates the temperature error caused by series
resistance, allowing for greater flexibility in routing thermal diodes. Beta compensation eliminates
temperature errors caused by low, variable beta transistors common in current fine geometry processors. The
automatic beta detection feature determines the optimal sensor external diode/transistor settings. This frees
up the user from providing unique sensor configurations for each temperature monitoring application. These
advanced features plus ±1°C measurement accuracy for both external and internal diode temperatures
provide a low-cost, highly flexible and accurate solution for critical temperature monitoring applications.
Multi-Channel Low Voltage Temp Sensors with Shutdown
© 2018 Microchip Technology Inc.
Datasheet
DS20006048A-page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More