データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UPD16878 データシート(PDF) 21 Page - NEC

部品番号 UPD16878
部品情報  MONOLITHIC QUAD H BRIDGE DRIVER CIRCUIT
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEC [NEC]
ホームページ  http://www.nec.com/
Logo NEC - NEC

UPD16878 データシート(HTML) 21 Page - NEC

Back Button UPD16878 Datasheet HTML 17Page - NEC UPD16878 Datasheet HTML 18Page - NEC UPD16878 Datasheet HTML 19Page - NEC UPD16878 Datasheet HTML 20Page - NEC UPD16878 Datasheet HTML 21Page - NEC UPD16878 Datasheet HTML 22Page - NEC UPD16878 Datasheet HTML 23Page - NEC UPD16878 Datasheet HTML 24Page - NEC UPD16878 Datasheet HTML 25Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
Data Sheet S15974EJ1V0DS
21
µµµµPD16878
Cautions on Correct Use
(1) With this product, input the data for start up wait and start up drive wait. Because the standard data are
set or updated by these wait times, if the start up wait time and start up drive wait time are not input, the
data are not updated.
(2) The start up wait time must be longer than LATCH.
(3) If the rising of the start up drive wait time is the same as the falling of the last output pulse, a count error
occurs, and the IC may malfunction.
(4) Input the initial data in a manner that it does not straddle the video sync signal (VD). If it does, the initial
data is not latched.
(5) Transmit the standard data during the start up wait time (FF1). If it is input at any other time, the data
may
not be transmitted correctly.
(6) If the LGND potential is undefined, the data may not be input correctly. Keep the LGND potential to the
minimum level. It is recommended that LGND and PGND be divided for connection (single ground) to
prevent the leakage of noise from the output circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32