| データシートサーチシステム |
|
LM6069DFW データシート(PDF) 9 Page - Shenzhen TOPWAY Technology Co., Ltd |
|
|
|||||||||||||||||||||||||||||
LM6069DFW データシート(HTML) 9 Page - Shenzhen TOPWAY Technology Co., Ltd |
|
9 / 12 page ![]() TOPWAY LCD Module User Manual LM6069DFW URL: www.topwaydisplay.com www.topwaysz.com Document Name: LM6069DFW-Manual-Rev0.2 Page: 9 of 12 5. Function specifications 5.1 Basic Setting Basic Setting To drive the LCD module correctly and provide normally display, please use the following setting - ADC = 0 (normal) - SHL select = 1 (reverse) - LCD Bias Select = 1/9 - Initial Display Line = 0 - Entire Display ON/OFF = OFF (normal) - Reverse Display ON/OFF = OFF (normal) - Set Power Control Set: voltage follower = ON, voltage converter = ON, voltage regulator = ON - Built-in OSC = ON - Display ON/OFF = ON Note: *1. These setting/commands should issue the LCD module while start up. *2. See the Display Commands section for details. 5.2 Resetting the LCD module The LCD module should be initialized by using /RESET terminal. While turning on the VDD and VSS power supply, maintain /RES terminal at LOW level. After the power supply stabilized, release the reset terminal (/RESET=HIGH) 5.3 Display Memory Map Page address data LCD Display (front view) 0 D0 : D7 1 D0 : D7 2 D0 : D7 3 D0 : D7 4 D0 : D7 5 D0 : D7 6 D0 : D7 7 D0 : D7 Column Address 00H D7H Note: *1. ADC = 0 (normal) *2. SHL Selection = 1 (reverse) *3. Initial Display Line = 0 216x64 pixels |