データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DSC1003 データシート(PDF) 8 Page - Microchip Technology

部品番号 DSC1003
部品情報  1.8V-3.3V Low-Power Precision CMOS Oscillators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSC1003 データシート(HTML) 8 Page - Microchip Technology

Back Button DSC1003 Datasheet HTML 4Page - Microchip Technology DSC1003 Datasheet HTML 5Page - Microchip Technology DSC1003 Datasheet HTML 6Page - Microchip Technology DSC1003 Datasheet HTML 7Page - Microchip Technology DSC1003 Datasheet HTML 8Page - Microchip Technology DSC1003 Datasheet HTML 9Page - Microchip Technology DSC1003 Datasheet HTML 10Page - Microchip Technology DSC1003 Datasheet HTML 11Page - Microchip Technology DSC1003 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
DSC1001/3/4
DS20005529B-page 8
 2017 Microchip Technology Inc.
3.0
NOMINAL PERFORMANCE CHARACTERISTICS
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
FIGURE 3-1:
Supply Current.
FIGURE 3-2:
Rise Time.
FIGURE 3-3:
Rise Time.
FIGURE 3-4:
Supply Current.
FIGURE 3-5:
Fall Time.
FIGURE 3-6:
Fall Time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24