| データシートサーチシステム |
|
SSR データシート(PDF) 3 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
SSR データシート(HTML) 3 Page - List of Unclassifed Manufacturers |
|
3 / 3 page ![]() 310 Feeding direction Feeding direction Feeding direction 2.0 ±0.5(.079±.020) [13(.512)dia.] Cover tape leader Carrier tape The end part 160(6.299)min. Leader part 100(3.937)min. Connector mounting part 400(15.748)min. 8.0 ±0.1 (.315 ±.004) Carrier tape Cover tape W1 +2.5 -1.0 +.098 -.039 ( ) 1.55 ±0.05 (.061 ±.002)dia. 4.0 ±0.1 (.157 ±.004) 2.0 ±0.1 (.079 ±.004) 2 3 to 6 8 to 14 FW W1 5.5(.217) 7.5(.295) 11.5(.453) 12.0(.472) 16.0(.630) 24.0(.945) 13.5( .531) 17.5( .689) 25.5(1.004) 4,500 4,500 4,500 Circuits Dimensions mm(in.) Reel dimensions mm(in.) Q'ty / reel Taping specifications –––––––––––––––––––––––––––––––––––––––––––––––––––––– Note: 1. Specifications conform to JIS C 0806. The tape width, connector recess hole dimensions, etc.are determined by the number of circuits and external shape of the connector to be loaded. 2. Specifications are subject to change without prior notice. SSR CONNECTOR |