データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PMW3389DM データシート(PDF) 4 Page - Pixart Imaging Inc.

部品番号 PMW3389DM
部品情報  Optical Gaming Navigation Chip
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PIXART [Pixart Imaging Inc.]
ホームページ  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PMW3389DM データシート(HTML) 4 Page - Pixart Imaging Inc.

  PMW3389DM Datasheet HTML 1Page - Pixart Imaging Inc. PMW3389DM Datasheet HTML 2Page - Pixart Imaging Inc. PMW3389DM Datasheet HTML 3Page - Pixart Imaging Inc. PMW3389DM Datasheet HTML 4Page - Pixart Imaging Inc. PMW3389DM Datasheet HTML 5Page - Pixart Imaging Inc. PMW3389DM Datasheet HTML 6Page - Pixart Imaging Inc. PMW3389DM Datasheet HTML 7Page - Pixart Imaging Inc. PMW3389DM Datasheet HTML 8Page - Pixart Imaging Inc. PMW3389DM Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
PixArt Imaging Inc.
PMW3389DM Product Datasheet
Optical Gaming Navigation Chip
Version 1.01 | 03 Jan 2019 | 11020AENW
PixArt Imaging Inc. http://www.pixart.com
All rights reserved. Any portion in this paper shall not be reproduced, copied, or transformed to any other forms without permission.
1.0
Introduction
1.1 Chip Overview
The PMW3389DM is an optical navigation chip targeted for high-end corded gaming mouse. It contains a picture element
array as Image Acquisition System (IAS), a Digital Signal Processor (DSP), a four wire serial port, a power control circuit and
built-in LED driver integrated with IR LED in a package as shown in the block diagram. The chip measures changes in position
by optically acquiring sequential surface images (frames) and mathematically determining the direction and magnitude of
movement. The IAS acquires microscopic surface images via the lens and illumination system. These images are processed
by the DSP to determine the direction and distance of motion. The DSP calculates the Δx and Δy relative displacement
values. An external microcontroller reads the Δx and Δy information from the chip serial port. The microcontroller then
translates the data into USB, or RF signals before sending them to the host PC or game console.
PICTURE
ELEMENT ARRAY
NCS
SCLK
MOTION
MOSI
DSP
OSCILLATOR
VDDO
VDD
GND
MISO
NRESET
VDDPIX
GPO
LED_P
NC
ILLUMINATION
SOURCE
NC
NC
Figure 1. Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20