| データシートサーチシステム |
|
SSD1963QL9 データシート(PDF) 49 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
SSD1963QL9 データシート(HTML) 49 Page - List of Unclassifed Manufacturers |
|
49 / 93 page ![]() SSD1963 Rev 1.1 P 49/93 Jan 2010 Solomon Systech 9.37 set_vert_period Command 0xB6 Parameters 7 D/C D7 D6 D5 D4 D3 D2 D1 D0 Hex Command 0 1 0 1 1 0 1 1 0 B6 Parameter 1 1 0 0 0 0 0 VT10 VT9 VT8 xx Parameter 2 1 VT7 VT6 VT5 VT4 VT3 VT2 VT1 VT0 xx Parameter 3 1 0 0 0 0 0 VPS10 VPS9 VPS8 xx Parameter 4 1 VPS7 VPS6 VPS5 VPS4 VPS3 VPS2 VPS1 VPS0 xx Parameter 5 1 0 VPW6 VPW5 VPW4 VPW3 VPW2 VPW1 VPW0 xx Parameter 6 1 0 0 0 0 0 FPS10 FPS9 FPS8 xx Parameter 7 1 FPS7 FPS6 FPS5 FPS4 FPS3 FPS2 FPS1 FPS0 xx Description Set the vertical blanking interval between last scan line and next LFRAME pulse VT[10:8] : High byte of the vertical total (display + non-display) period in lines (POR = 001) VT[7:0] : Low byte of the vertical total (display + non-display) period in lines (POR = 11101111) Vertical Total = (VT + 1) lines VPS[10:8] : High byte the non-display period in lines between the start of the frame and the first display data in line. (POR = 000) VPS[7:0] : The non-display period in lines between the start of the frame and the first display data in line. (POR = 00000100) Vertical Sync Pulse Start Position = VPS lines VPW[6:0] : Set the vertical sync pulse width (LFRAME) in lines. (POR = 000001) Vertical Sync Pulse Width = (VPW + 1) lines FPS[10:8] : High byte of the vertical sync pulse (LFRAME) start location in lines. (POR = 000) FPS[7:0] : Low byte of the vertical sync pulse (LFRAME) start location in lines. (POR = 00000000) Vertical Display Period Start Position = FPS lines Timing refer to Figure 13-5. 9.38 get_vert_period Command 0xB7 Parameters 7 D/C D7 D6 D5 D4 D3 D2 D1 D0 Hex Command 0 1 0 1 1 0 1 1 1 B7 Parameter 1 1 0 0 0 0 0 VT10 VT9 VT8 xx Parameter 2 1 VT7 VT6 VT5 VT4 VT3 VT2 VT1 VT0 xx Parameter 3 1 0 0 0 0 0 VPS10 VPS9 VPS8 xx Parameter 4 1 VPS7 VPS6 VPS5 VPS4 VPS3 VPS2 VPS1 VPS0 xx Parameter 5 1 0 VPW6 VPW5 VPW4 VPW3 VPW2 VPW1 VPW0 xx Parameter 6 1 0 0 0 0 0 FPS10 FPS9 FPS8 xx Parameter 7 1 FPS7 FPS6 FPS5 FPS4 FPS3 FPS2 FPS1 FPS0 xx Description Get the vertical blanking interval between last scan line and next LFRAME pulse |