| データシートサーチシステム |
|
STUSB4500LQTR データシート(PDF) 25 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STUSB4500LQTR データシート(HTML) 25 Page - STMicroelectronics |
|
25 / 31 page ![]() 9 Terms and abbreviations Table 20. List of terms and abbreviations Term Description Accessory mode Debug accessory mode. It is defined by the presence of pull-up resistors Rp/Rp on CC1/CC2 pins in sink power role. DFP Downstream facing port, specifically associated with the flow of data in a USB connection. Typically the ports on a HOST or the ports on a hub to which devices are connected. In its initial state, the DFP sources VBUS and optionally VCONN, and supports data. DRP Dual-role port. A port that can operate as either a source or a sink. The port role may be changed dynamically. Sink Port asserting Rd on the CC pins and consuming power from the VBUS. Source Port asserting Rp on the CC pins and providing power over the VBUS. UFP Upstream facing port, specifically associated with the flow of data in a USB connection. The port on a device or a hub that connects to a host or the DFP of a hub. In its initial state, the UFP sinks VBUS and supports data. STUSB4500L Terms and abbreviations DS13102 - Rev 1 page 25/31 |