| データシートサーチシステム |
|
CSAS3F3RY2205 データシート(PDF) 76 Page - Eaton All Rights Reserved. |
|
|
|||||||||||||||||||||||||||||
CSAS3F3RY2205 データシート(HTML) 76 Page - Eaton All Rights Reserved. |
|
76 / 102 page ![]() Volume 8—Sensing Solutions CA08100010E—September 2017 www.eaton.com V8-T3-75 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3.11 Inductive Proximity Sensors E56 Pancake Sensors Wiring Diagrams Pin numbers are for reference, rely on pin location when wiring. E56 Pancake Sensors Dimensions Approximate Dimensions in Inches (mm) E56 Pancake Sensors Voltage Type Micro-Connector Models Mini-Connector Models Screw Terminal Models DC four-wire AC two-wire Model A (Depth) B (Width) C (Depth) D (Height) E (Mounting) F (Mounting) G (Diameter) Small Diameter Models Micro-connector 3.13 (79.0) 3.13 (79.0) 4.32 (110.0) 1.54 (39.0) 2.56 (65.0) 2.56 (65.0) 0.21 (5.0) Mini-connector 3.13 (79.0) 3.13 (79.0) 4.67 (119.0) 1.54 (39.0) 2.56 (65.0) 2.56 (65.0) 0.21 (5.0) Screw terminal 3.13 (79.0) 3.13 (79.0) 3.87 (92.0) 1.54 (39.0) 2.56 (65.0) 2.56 (65.0) 0.21 (5.0) Medium Diameter Models Micro-connector 4.35 (110.0) 4.35 (110.0) 4.94 (125.4) 1.63 (41.0) 3.625 (92.0) 3.625 (92.0) 0.218 (5.5) Mini-connector 4.35 (110.0) 4.35 (110.0) 5.29 (134.4) 1.63 (41.0) 3.625 (92.0) 3.625 (92.0) 0.218 (5.5) Large Diameter Models Micro-connector 6.75 (171.5) 6.75 (171.5) 7.26 (184.4) 2.66 (67.5) 5.875 (149.0) 5.875 (149.0) 0.266 (7.0) Mini-connector 6.75 (171.5) 6.75 (171.5) 7.61 (193.3) 2.66 (67.5) 5.875 (149.0) 5.875 (149.0) 0.266 (7.0) 21 3 (–) 4 +V BN LOAD WH N.C. BK N.O. BU AutoConfigure enables load to be wired to +V or (–) LOAD 2 1 3 (–) 4 +V BN BK N.O. BU AutoConfigure enables load to be wired to +V or (–) WH N.C. LOAD LOAD AutoConfigure enables load to be wired to +V or (–) 3 4 2 1 BU BK N.O. WH N.C. BN +V (–) LOAD LOAD 2 1 3 L2 L1 RD/BK RD/WH LOAD 2 1 3 L1 L2 WH BK LOAD 3 4 2 1 BN BU N.O./N.C. Selectable L1 or +V L2 or (–) Not Connected Not Connected LOAD A C E D G B F |