| データシートサーチシステム |
|
LIS2DTW12 データシート(PDF) 39 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LIS2DTW12 データシート(HTML) 39 Page - STMicroelectronics |
|
39 / 65 page ![]() 8.7 CTRL4_INT1_PAD_CTRL (23h) Control register 4 (r/w) Table 36. Control register 4 INT1_6D INT1_ SINGLE_TAP INT1_WU INT1_FF INT1_TAP INT1_ DIFF5 INT1_ FTH INT1_ DRDY Table 37. Control register 4 description INT1_6D 6D recognition is routed to INT1 pad. Default: 0 (0: disabled; 1: enabled) INT1_SINGLE_TAP Single-tap recognition is routed to INT1 pad. Default value: 0 (0: disabled; 1: enabled) INT1_WU Wakeup recognition is routed to INT1 pad. Default value: 0 (0: disabled; 1: enabled) INT1_FF Free-fall recognition is routed to INT1 pad. Default value: 0 (0: disabled; 1: enabled) INT1_TAP Double-tap recognition is routed to INT1 pad. Default value: 0 (0: disabled; 1: enabled) INT1_DIFF5 FIFO full recognition is routed to INT1 pad. Default value: 0 (0: disabled; 1: enabled) INT1_FTH FIFO threshold interrupt is routed to INT1 pad. Default value: 0 (0: disabled; 1: enabled) INT1_DRDY Data-Ready is routed to INT1 pad. Default value: 0 (0: disabled; 1: enabled) LIS2DTW12 CTRL4_INT1_PAD_CTRL (23h) DS12825 - Rev 3 page 39/65 |