| データシートサーチシステム |
|
20S0R-RWM-KT データシート(PDF) 2 Page - JST Mfg. Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
20S0R-RWM-KT データシート(HTML) 2 Page - JST Mfg. Co., Ltd. |
|
2 / 5 page ![]() ●Matingcircuit Plug signal unit RWM Receptacle CZH/CZ Circuits 1 1 1 12.9 14.4 0.5 ±0.1 23 ±0.1 39 ±0.05 32.1 ±0.1 2-M3 2-M3 39 ±0.05 28.5 ±0.1 39±0.05 1.55 ±0.1 1.55 ±0.1 0.5 ±0.1 27.5 ±0.1 39 ±0.05 Recommended panel layout (Panelthickness:0.8mmto2.0mm) Recommended panel layout (Panelthickness:0.8mmto2.0mm) Arrow view direction of panel Arrow view direction of panel Arrow view direction of panel Arrow view direction of panel Plug Panel Panel Panel Panel M3 screw Panel M3 screw M3 screw M3 screw Panel Receptacle Connector mating axis ( Note) Connector mating axis ( Note) Connector mating axis ( Note) Connector mating axis ( Note) Connector mating axis ( Note) Connector mating axis ( Note) Connector mating axis ( Note) Connector mating axis ( Note) 2 Signal 20-circuit RWMCONNECTOR RWM CONNECTOR Disconnectable crimp style Wire-to-wire connectors RWM CONNECTOR RWM CONNECTOR PC board layout and Assembly layout Note: It is located on the central line connecting the centers of two screw hole dimensions. |