データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TQFP44 データシート(PDF) 3 Page - STMicroelectronics

部品番号 TQFP44
部品情報  44-LEAD THIN QUAD FLAT PACKAGE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TQFP44 データシート(HTML) 3 Page - STMicroelectronics

  TQFP44 Datasheet HTML 1Page - STMicroelectronics TQFP44 Datasheet HTML 2Page - STMicroelectronics TQFP44 Datasheet HTML 3Page - STMicroelectronics TQFP44 Datasheet HTML 4Page - STMicroelectronics TQFP44 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TQFP44 PACKAGE AND PACKING INFORMATION
3/5
REEL MECHANICAL DATA
mm.
inch
Tape size
24.0 ±0.30
0.915 ±0.012
A max.
330.0
12.992
B min.
1.5
0.059
C
13.0 ±0.20
0.512 ±0.008
D min.
20.2
0.795
N min.
60
2.362
G
24.4 +2/-0
0.961 +0.079/-0
T max.
30.4
1.197
TAPE & REEL SHIPMENT INFORMATION
REEL SPECIFICATIONS
A
D
B
Full radius
Tape slot in core for tape start
2.5mm (0.098in) min. width
40mm (1.575in) min.
access hole
at slot location
C
N
G measured
at hub
T



Html Pages

1 2 3 4 5