| データシートサーチシステム |
|
LS1022A データシート(PDF) 35 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
LS1022A データシート(HTML) 35 Page - Freescale Semiconductor, Inc |
|
35 / 71 page ![]() Architecture TWR-LS1021A Reference Manual, Rev. 0 2-20 Freescale Semiconductor Figure 2-14. I2C architecture I2C bus device addresses are summarized in Table 2-14. Table 2-14. I2C bus device map I2C Bus 7b Addr. Description Device Notes (all) - / I2C Master n/a I2C2 0x0A Audio Codec SGTL5000 n/a I2C2 0x39, 0x3D HDMI Transmitter SiI9022A n/a I2C2 0x52 0x53 0x52(256B): SPD; 0x53(256B): SystemID 512B EEPROM: CAT24C05 DIMM SPD. Stores board specific data, including MAC addresses, serial number/errata, etc. Write protectable. I2C2 - miniPCIe1 Slot Slave address depends on miniPCIe cards on the slot. I2C2 - TWR-ELEV Pin NO. C7, C8 Slave address depends on TWR modules on the ELEV. I2C1 0x69 Clock generator 6V49205BNLGI n/a |