| データシートサーチシステム |
|
ABV2005QC データシート(PDF) 8 Page - Abracon Corporation |
|
|
|||||||||||||||||||||||||||||
ABV2005QC データシート(HTML) 8 Page - Abracon Corporation |
|
8 / 8 page ![]() ABV2005/-06/-07/-08/-09 Low Phase Noise VCXO with multipliers (for 100-200MHz Fund Xtal) 30332 Esperanza., Rancho Santa Margarita, Ca 92688 Ph: 949-546-8000 Fax: 949-546-8001 www.Abracon.com 03/21/05 Page 8 ORDERING INFORMATION Abracon Corporation, reserves the right to make changes in its products or specifications, or both at any time without notice. The information furnished by Abracon is believed to be accurate and reliable. However, Abracon makes no guarantee or warranty concerning the accuracy of said information and shall not be responsible for any loss or damage of whatever nature resulting from the use of, or reliance upon this product. LIFE SUPPORT POLICY: Abracon’s products are not authorized for use as critical components in life support devices or systems without the express written approval of the President of Abracon Corporation. For part ordering, please contact our Sales Department: 30332 Esperanza., Rancho Santa Margarita, Ca 92688 Ph: 949-546-8000 Fax: 949-546-8001 PART NUMBER The order number for this device is a combination of the following: Device number, Package type and Operating temperature range ABV200x O C Order Number Marking Package Option ABV2005OC ABV2005OC 16-Pin TSSOP (Tube) ABV2005OC-T ABV2005OC 16-Pin TSSOP (Tape and Reel) ABV2005QC ABV2005QC 16-Pin 3x3 QFN (Tube) ABV2005QC-T ABV2005QC 16-Pin 3x3 QFN (Tape and Reel) ABV2006QC ABV2006QC 16-Pin 3x3 QFN (Tube) ABV2006QC-T ABV2006QC 16-Pin 3x3 QFN (Tape and Reel) ABV2007OC ABV2007OC 16-Pin TSSOP (Tube) ABV2007OC-T ABV2007OC 16-Pin TSSOP (Tape and Reel) ABV2008OC ABV2008OC 16-Pin TSSOP (Tube) ABV2008OC-T ABV2008OC 16-Pin TSSOP (Tape and Reel) ABV2008QC ABV2008QC 16-Pin 3x3 QFN (Tube) ABV2008QC-T ABV2008QC 16-Pin 3x3 QFN (Tape and Reel) ABV2009OC ABV2009OC 16-Pin TSSOP (Tube) ABV2009OC-T ABV2009OC 16-Pin TSSOP (Tape and Reel) ABV2009QC ABV2009QC 16-Pin 3x3 QFN (Tube) ABV2009QC-T ABV2009QC 16-Pin 3x3 QFN (Tape and Reel) PART NUMBER TEMPERATURE C=COMMERCIAL I=INDUSTRAL PACKAGE TYPE O=TSSOP Q=QFN |