| データシートサーチシステム |
|
SNP-AF89-3 データシート(PDF) 1 Page - Skynet Electronic Copyright |
|
|
|||||||||||||||||||||||||||||
SNP-AF89-3 データシート(HTML) 1 Page - Skynet Electronic Copyright |
|
1 / 4 page ![]() NOV. 2016 4-1 ** This data sheet is only for models selection. For business, engineering specification by model must be used. -Jim- Rated 72W Peak 100W SNP-AF8 Series Medical & ITE Switching Adapter Features: Input voltage ......................................... 90 VAC to 264 VAC Input frequency ............................................. 47 Hz to 63 Hz Inrush current ............................................< 80A at 230VAC Average efficiency ............ > 89% at 25%, 50%, 75%, 100% of rated load and 115Vac/230Vac input No-load input power ................................................< 0.15W Hold up time ......................................................16ms typical Over load/Short citcuit protection ................... auto recovery Over voltage protection ............................................ latch of Operating temperature ..................................... -20oC to 60oC derating: 2.5% / oC > 40oC Storage temperature ..................................... -20oC to +85oC EMI ................................................................ FCC class "B" CISPR 22 level "B" Harmonics............................................EN61000-3-2, class A EMS...................................... EN61000-4-2,-3,-4,-5,-6,-8,-11 Safety ............................................. UL60601-1, UL60950-1 CSA C22.2 No. 60950-1(cUL) TUV EN60601-1, EN60950-1 Energy Saving ........................................ EC Code of Conduct for EPS Version (Tier 2) General Specifications: Mechanical Specifications: Notes: 1. Size: 72 x 145 x 42 (mm) 2. Output Connectors: 3. Input Socket: 4. Cable length is 1.5m approx. 5. Power ON indication LED is on top of Box. 6. Box Color is Black. 7. This product is RoHS compliant. 8. Packing: Net weight: 470 g approx. / unit Gross weight: 12 kg approx. / carton, 20 units / carton Carton size (mm): 503 (L) x 362 (W) x 300 (H) (mm) PIN 1 3 4 2 VOLTAGE +V RTN RTN +V EARTH C14 10 years Warranty (contact Skynet's Distributors for details) 72 x 145 x 42 (mm) 145.0 (5.71") 72.0 (2.83") 42.0 (1.65") ● Peak load (1.3 ~ 1.5 x rated current, Vo=rated for 5 sec) ● Design for BF application ● DoE Level VI Eco-design ● With ITE and Medical safety ● Safety class I / II and EMI class B ● -20oC to +60oC operating temperature ● 5,000m operation altitude Applications: ● For DoE EPS level VI energy saving application, such as electronics and office equipment. ● For EMI class B application, such as home healthcare device, monitors and other medical devices. ● For peak load application, such as motor drive, coffee machine, vending machine, gaming machine, monitors and other industrials. |
同様の部品番号 - SNP-AF89-3 |
|
同様の説明 - SNP-AF89-3 |