データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CAT24WC164 データシート(PDF) 4 Page - Catalyst Semiconductor

部品番号 CAT24WC164
部品情報  16K-Bit Serial EEPROM, Cascadable
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CATALYST [Catalyst Semiconductor]
ホームページ  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24WC164 データシート(HTML) 4 Page - Catalyst Semiconductor

  CAT24WC164 Datasheet HTML 1Page - Catalyst Semiconductor CAT24WC164 Datasheet HTML 2Page - Catalyst Semiconductor CAT24WC164 Datasheet HTML 3Page - Catalyst Semiconductor CAT24WC164 Datasheet HTML 4Page - Catalyst Semiconductor CAT24WC164 Datasheet HTML 5Page - Catalyst Semiconductor CAT24WC164 Datasheet HTML 6Page - Catalyst Semiconductor CAT24WC164 Datasheet HTML 7Page - Catalyst Semiconductor CAT24WC164 Datasheet HTML 8Page - Catalyst Semiconductor CAT24WC164 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
CAT24WC164
4
Doc. No. 1026, Rev. I
FUNCTIONAL DESCRIPTION
The CAT24WC164 supports the I2C Bus data
transmission protocol. This Inter-Integrated Circuit Bus
protocol defines any device that sends data to the bus to
be a transmitter and any device receiving data to be a
receiver. Data transfer is controlled by the Master device
which generates the serial clock and all START and
STOP conditions for bus access. The CAT24WC164
operates as a Slave device. Both the Master and Slave
devices can operate as either transmitter or receiver, but
the Master device controls which mode is activated. A
maximum of 8 devices may be connected to the bus as
determined by the device address inputs A0, A1, and A2.
PIN DESCRIPTIONS
SCL:
Serial Clock
The CAT24WC164 serial clock input pin is used to clock
all data transfers into or out of the device. This is an input
pin.
SDA:
Serial Data/Address
The CAT24WC164 bidirectional serial data/address pin
is used to transfer data into and out of the device. The
SDA pin is an open drain output and can be wire-ORed
with other open drain or open collector outputs.
A0, A1, A2:
Device Address Inputs
These inputs set device address when cascading multiple
devices. When these pins are left floating the default
values are zeros.
A maximum of eight devices can be cascaded. If only
one CAT24WC164 is addressed on the bus, all three
Figure 2. Write Cycle Timing
Figure 1. Bus Timing
Figure 3. Start/Stop Timing
tHIGH
SCL
SDA IN
SDA OUT
tLOW
tF
tLOW
tR
tBUF
tSU:STO
tSU:DAT
tHD:DAT
tHD:STA
tSU:STA
tAA
tDH
tWR
STOP
CONDITION
START
CONDITION
ADDRESS
ACK
8TH BIT
BYTE n
SCL
SDA
START BIT
SDA
STOP BIT
SCL



Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com