データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CSB1370 データシート(PDF) 2 Page - Continental Device India Limited

部品番号 CSB1370
部品情報  PNP SILICON EPITAXIAL POWER TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CDIL [Continental Device India Limited]
ホームページ  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CSB1370 データシート(HTML) 2 Page - Continental Device India Limited

  CSB1370 Datasheet HTML 1Page - Continental Device India Limited CSB1370 Datasheet HTML 2Page - Continental Device India Limited CSB1370 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TO-220 Plastic Package
TO-220 Tube Packing
B
1 23
PIN CONFIGURATION
1. BASE
2. COLLECTOR
3. EMITTER
4. COLLECTOR
1
2
3
4
J
M
G
D
F
E
C
DIM
M IN .
M AX .
A
14.42
16.51
B
9.63
10.67
C
3.56
4.83
D
—
0.90
E
1.15
1.40
F
3.75
3.88
G
2.29
2.79
H
2.54
3.43
J
—
0.56
K
12.70
14.73
L
2.80
4.07
M
2.03
2.92
N
—
31.24
OD EG 7
DEVICE NAME
Label
536.00
±1.5
50 Pcs./Tube
6.87
13.74
End Pin
Tube Thickness
Sr.
QTY.
AMMO PA C K SIZE
20 Tubes/A m m o Pack
1000 pcs./A m m o Pack
DE
VIC
E N
AM
E
Sr.
Qt
y.
Label
53
8.0
0
75.0
Continental Device India Limited
Data Sheet
Page 2 of 3



Html Pages

1 2 3