| データシートサーチシステム |
|
MCP23008-E/SS データシート(PDF) 18 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP23008-E/SS データシート(HTML) 18 Page - Microchip Technology |
|
18 / 40 page ![]() MCP23008/MCP23S08 DS21919B-page 18 © 2005 Microchip Technology Inc. 1.6.11 OUTPUT LATCH REGISTER (OLAT) The OLAT register provides access to the output latches. A read from this register results in a read of the OLAT and not the port itself. A write to this register modifies the output latches that modify the pins configured as outputs. REGISTER 1-11: OLAT – OUTPUT LATCH REGISTER 0 (ADDR 0x0A) R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 OL7 OL6 OL5 OL4 OL3 OL2 OL1 OL0 bit 7 bit 0 bit 7-0 OL7:OL0: These bits reflect the logic level on the output latch <7:0>. 1 = Logic-high. 0 = Logic-low. Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ - n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown |