データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MCP23008T-E/SS データシート(PDF) 15 Page - Microchip Technology

部品番号 MCP23008T-E/SS
部品情報  8-Bit I/O Expander with Serial Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP23008T-E/SS データシート(HTML) 15 Page - Microchip Technology

Back Button MCP23008T-E/SS Datasheet HTML 11Page - Microchip Technology MCP23008T-E/SS Datasheet HTML 12Page - Microchip Technology MCP23008T-E/SS Datasheet HTML 13Page - Microchip Technology MCP23008T-E/SS Datasheet HTML 14Page - Microchip Technology MCP23008T-E/SS Datasheet HTML 15Page - Microchip Technology MCP23008T-E/SS Datasheet HTML 16Page - Microchip Technology MCP23008T-E/SS Datasheet HTML 17Page - Microchip Technology MCP23008T-E/SS Datasheet HTML 18Page - Microchip Technology MCP23008T-E/SS Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
© 2005 Microchip Technology Inc.
DS21919B-page 15
MCP23008/MCP23S08
1.6.8
INTERRUPT FLAG (INTF)
REGISTER
The INTF register reflects the interrupt condition on the
port pins of any pin that is enabled for interrupts via the
GPINTEN register. A ‘set’ bit indicates that the
associated pin caused the interrupt.
This register is ‘read-only’. Writes to this register will be
ignored.
REGISTER 1-8:
INTF – INTERRUPT FLAG REGISTER (ADDR 0x07)
Note:
INTF will always reflect the pin(s) that
have an interrupt condition. For example,
one pin causes an interrupt to occur and is
captured in INTCAP and INF. If, before
clearing the interrupt, another pin changes
which would normally cause an interrupt, it
will be reflected in INTF, but not INTCAP.
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
INT7
INT6
INT5
INT4
INT3
INT2
INT1
INT0
bit 7
bit 0
bit 7-0
INT7:INT0: These bits reflect the interrupt condition on the port. Will reflect the change only if
interrupts are enabled (GPINTEN) <7:0>.
1
= Pin caused interrupt.
0
= Interrupt not pending.
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40