| データシートサーチシステム |
|
STG3685BJR データシート(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STG3685BJR データシート(HTML) 2 Page - STMicroelectronics |
|
2 / 10 page ![]() STG3685 2/10 Figure 2: Input Equivalent Circuit Table 2: Pin Description Table 3: Truth Table (*) High Impedance Table 4: Absolute Maximum Ratings Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is not implied. (1) Derate above 70°C: by 18.5mW/°C. Table 5: Recommended Operating Conditions 1) Truth Table guaranteed: 1.2V to 4.3V. PIN N° SYMBOL NAME AND FUNCTION B2 IN Control A3, A1 C3, C1 2S1, 1S1 2S2, 1S2 Independent Chan- nels B3, B1 D2, D1 Common Channels C2 GND Ground (0V) A2 VCC Positive Supply Voltage IN SWITCH S1 SWITCH S2 H ON OFF(*) L OFF(*) ON Symbol Parameter Value Unit VCC Supply Voltage -0.5 to 4.6 V VI DC Input Voltage -0.5 to VCC + 0.5 V VIC DC Control Input Voltage -0.5 to 4.6 V VO DC Output Voltage -0.5 to VCC + 0.5 V IIKC DC Input Diode Current on control pin (VIN < 0V) − 50 mA IIK DC Input Diode Current (VIN < 0V) ± 50 mA IOK DC Output Diode Current ± 20 mA IO DC Output Current ± 300 mA IOP DC Output Current Peak (pulse at 1ms, 10% duty cycle) ± 500 mA ICC or IGND DC VCC or Ground Current ± 100 mA PD Power Dissipation at Ta=70°C (1) TBD mW Tstg Storage Temperature -65 to 150 °C TL Lead Temperature (10 sec) 260 °C Symbol Parameter Value Unit VCC Supply Voltage (note 1) 1.4 to 4.3 V VI Input Voltage 0 to VCC V VIC Control Input Voltage 0 to 4.3 V VO Output Voltage 0 to VCC V Top Operating Temperature -55 to 125 °C dt/dv Input Rise and Fall Time Control Input VCC= 1.4V to 2.7V 0 to 20 ns/V VCC= 3.0V to 3.6V 0 to 10 |