データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TMDP0200 データシート(PDF) 21 Page - TEKTRONIX, INC.

部品番号 TMDP0200
部品情報  Mixed Domain Oscilloscopes
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TEKTRONIX [TEKTRONIX, INC.]
ホームページ  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

TMDP0200 データシート(HTML) 21 Page - TEKTRONIX, INC.

Back Button TMDP0200 Datasheet HTML 17Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 18Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 19Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 20Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 21Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 22Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 23Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 24Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 25Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
Waveform math
Arithmetic
Add, subtract, multiply, and divide waveforms.
Math functions
Integrate, differentiate, FFT
FFT
Spectral magnitude. Set FFT Vertical Scale to Linear RMS or dBV RMS, and FFT Window to Rectangular, Hamming, Hanning, or
Blackman-Harris.
Spectrum math
Add or subtract frequency-domain traces.
Advanced math
Define extensive algebraic expressions including waveforms, reference waveforms, math functions (FFT, Intg, Diff, Log, Exp, Sqrt,
Abs, Sine, Cosine, Tangent, Rad, Deg), scalars, up to two user-adjustable variables and results of parametric measurements
(Period, Freq, Delay, Rise, Fall, PosWidth, NegWidth, BurstWidth, Phase, PosDutyCycle, NegDutyCycle, PosOverShoot,
NegOverShoot, TotalOverShoot, PeakPeak, Amplitude, RMS, CycleRMS, High, Low, Max, Min, Mean, CycleMean, Area,
CycleArea, and trend plots). For example, (Intg(Ch1 - Mean(Ch1)) × 1.414 × VAR1)
Act on Event
Events
None, when a trigger occurs, or when a defined number of acquisitions complete (1 to 1,000,000)
Actions
Stop acquisition, save waveform to file, save screen image, print, AUX OUT pulse, remote interface SRQ, e-mail notification, and
visual notification
Repeat
Repeat the act on event process (1 to 1,000,000 and infinity)
Video Picture mode
Sources
Channel 1, Channel 2, Channel 3, Channel 4
Video standards
NTSC, PAL
Contrast and brightness
Manual and automatic
Field selection
Odd, Even, Interlaced
Picture location on screen
Selectable X and Y location, width and height adjustment, start line and pixel and line-to-line offset control.
Mixed Domain Oscilloscopes -- MDO3000 Series
www.tek.com 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40