データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DSC6162JI3B-B データシート(PDF) 9 Page - Microchip Technology

部品番号 DSC6162JI3B-B
部品情報  Ultra-Small, Ultra-Low Power MEMS Oscillator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSC6162JI3B-B データシート(HTML) 9 Page - Microchip Technology

Back Button DSC6162JI3B-B Datasheet HTML 5Page - Microchip Technology DSC6162JI3B-B Datasheet HTML 6Page - Microchip Technology DSC6162JI3B-B Datasheet HTML 7Page - Microchip Technology DSC6162JI3B-B Datasheet HTML 8Page - Microchip Technology DSC6162JI3B-B Datasheet HTML 9Page - Microchip Technology DSC6162JI3B-B Datasheet HTML 10Page - Microchip Technology DSC6162JI3B-B Datasheet HTML 11Page - Microchip Technology DSC6162JI3B-B Datasheet HTML 12Page - Microchip Technology DSC6162JI3B-B Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
 2019 Microchip Technology Inc.
DS20006155A-page 9
DSC61XXB
5.0
PACKAGING INFORMATION
5.1
Package Marking Information
4-Lead VLGA*
2.5 x 2.0
Example
Example
XXXXXXX
XXXYYWW
SSS
0400000
DCP1834
287
4-Lead VFLGA*
2.0 x 1.6/1.6 x 1.2
XXXX
SSS
011H
502
Legend: XX...X
Product code or customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
SSS
Alphanumeric traceability code
Pb-free JEDEC® designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
●, ▲, ▼ Pin one index is identified by a dot, delta up, or delta down (triangle
mark).
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information. Package may or may not include
the corporate logo.
Underbar (_) and/or Overbar (⎯) symbol may not be to scale.
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24