| データシートサーチシステム |
|
68HC705JB3 データシート(PDF) 42 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
68HC705JB3 データシート(HTML) 42 Page - Freescale Semiconductor, Inc |
|
42 / 134 page ![]() GENERAL RELEASE SPECIFICATION November 5, 1998 MOTOROLA RESETS MC68HC05JB3 5-4 REV 1 5.3.5 Illegal Address Reset An opcode fetch from an address that is not in the ROM or the RAM generates an illegal address reset. The illegal address reset will assert the pull-down device to pull the RESET pin low for 3 to 4 cycles of the internal bus clock. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |