| データシートサーチシステム |
|
CC3235MODAX データシート(PDF) 4 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CC3235MODAX データシート(HTML) 4 Page - Texas Instruments |
|
4 / 100 page ![]() CC32xx ± Single-Chip Wireless MCU ARM Cortex-M4 80 MHz 1-MB Flash (optional) 256-KB RAM ROM 1x SPI 2x UART 1x I 2C 1x I2S/PCM 1x SD/MMC 8-bit Camera 4x ADC DMA Timers GPIOs Network Processor Application Protocols RAM ROM Wi-Fi Driver TCP/IP Stack (ARM Cortex) Power Management Oscillators DC-DC RTC Synthesizer Dual Band Wi-Fi COEX I/Os Antenna Selection 4 CC3235MODAS, CC3235MODASF SWRS233 – OCTOBER 2019 www.ti.com Submit Documentation Feedback Product Folder Links: CC3235MODAS CC3235MODASF Module Overview Copyright © 2019, Texas Instruments Incorporated Figure 1-2 shows the an overview of the CC3235x hardware. Figure 1-2. CC3235x Hardware Overview |