データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

80C196KB データシート(PDF) 19 Page - Intel Corporation

部品番号 80C196KB
部品情報  COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTEL [Intel Corporation]
ホームページ  http://www.intel.com
Logo INTEL - Intel Corporation

80C196KB データシート(HTML) 19 Page - Intel Corporation

Back Button 80C196KB Datasheet HTML 14Page - Intel Corporation 80C196KB Datasheet HTML 15Page - Intel Corporation 80C196KB Datasheet HTML 16Page - Intel Corporation 80C196KB Datasheet HTML 17Page - Intel Corporation 80C196KB Datasheet HTML 18Page - Intel Corporation 80C196KB Datasheet HTML 19Page - Intel Corporation 80C196KB Datasheet HTML 20Page - Intel Corporation 80C196KB Datasheet HTML 21Page - Intel Corporation 80C196KB Datasheet HTML 22Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
8XC196KB/8XC196KB16
DC OTPROM PROGRAMMING CHARACTERISTICS
Symbol
Description
Min
Max
Units
IPP
VPP Supply Current (When Programming)
100
mA
NOTE
:
Do not apply VPP until VCC is stable and within specifications and the oscillator/clock has stabilized or the device may be
damaged.
OTPROM PROGRAMMING WAVEFORMS
SLAVE PROGRAMMING MODE DATA PROGRAM MODE WITH SINGLE PROGRAM PULSE
270909±15
SLAVE PROGRAMMING MODE IN WORD DUMP OR DATA VERIFY MODE WITH AUTO INCREMENT
270909±16
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22