データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

OPA207IDBVT データシート(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
部品番号 OPA207IDBVT
部品情報  OPA207 Low-Power, High-Precision, Low-Noise, Rail-to-Rail Output Operational Amplifier
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

OPA207IDBVT データシート(HTML) 29 Page - Texas Instruments

Back Button OPA207IDBVT Datasheet HTML 25Page - Texas Instruments OPA207IDBVT Datasheet HTML 26Page - Texas Instruments OPA207IDBVT Datasheet HTML 27Page - Texas Instruments OPA207IDBVT Datasheet HTML 28Page - Texas Instruments OPA207IDBVT Datasheet HTML 29Page - Texas Instruments OPA207IDBVT Datasheet HTML 30Page - Texas Instruments OPA207IDBVT Datasheet HTML 31Page - Texas Instruments OPA207IDBVT Datasheet HTML 32Page - Texas Instruments OPA207IDBVT Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 39 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
OPA207IDBVR
SOT-23
DBV
5
3000
180.0
8.4
3.23
3.17
1.37
4.0
8.0
Q3
OPA207IDBVT
SOT-23
DBV
5
250
180.0
8.4
3.23
3.17
1.37
4.0
8.0
Q3
OPA207IDGKR
VSSOP
DGK
8
2500
330.0
12.4
5.3
3.4
1.4
8.0
12.0
Q1
OPA207IDGKT
VSSOP
DGK
8
250
330.0
12.4
5.3
3.4
1.4
8.0
12.0
Q1
OPA207IDR
SOIC
D
8
2500
330.0
12.5
6.4
5.2
2.1
8.0
12.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
31-Oct-2019
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39