| データシートサーチシステム |
|
HPC-DEV-SYS2 データシート(PDF) 27 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
HPC-DEV-SYS2 データシート(HTML) 27 Page - National Semiconductor (TI) |
|
27 / 30 page ![]() Development Support (Continued) Development Tools Selection Table (Continued) Product Order Description Included Manual Number Part Number Complete System HPC46400E HPC-DEV-SYS2 HPC In-System Emulator with C HPC Microcontroller 420420184-001 Development System Compiler AssemblerLinkerLibrary User’s Manual and Source Symbolic Debugger HPC-DEV-SYS2-E Same for Europe and South East Asia HPC 46400E User’s Manual 420420213-001 C-Compiler Manual 424410883-001 Assembler Manual 424410836-001 Debugger User’s Manual 424420189-001 DIAL-A-HELPER Dial-A-Helper is a service provided by the Microcontroller Applications Group Dial-A-Helper is an electronic bulletin board information system and additionally provides the ca- pability of remotely accessing the development system at a customer site INFORMATION SYSTEM The Dial-A-Helper system provides access to an automated information storage and retrieval system that may be ac- cessed over standard dial-up telephone lines 24 hours a day The system capabilities include a MESSAGE SECTION (electronic mail) for communications to and from the Micro- controller Applications Group and a FILE SECTION which consists of several file areas where valuable application software and utilities can be found The minimum require- ment for accessing Dial-A-Helper is a Hayes compatible mo- dem If the user has a PC with a communications package then files from the FILE SECTION can be down loaded to disk for later use Order PN MOLE-DIAL-A-HLP Information System Package Contains Dial-A-Helper Users Manual Public Domain Communications Software FACTORY APPLICATIONS SUPPORT Dial-A-Helper also provides immediate factory applications support If a user is having difficulty in operating a develop- ment system he can leave messages on our electronic bul- letin board which we will respond to Voice (408) 721-5582 Modem (408) 739-1162 Baud 300 or 1200 baud Set-Up Length 8-Bit Parity None Stop Bit 1 Operation 24 Hrs 7 Days 27 |