データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HPC-DEV-SUNC データシート(PDF) 27 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 HPC-DEV-SUNC
部品情報  High-Performance Communications MicroController
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

HPC-DEV-SUNC データシート(HTML) 27 Page - National Semiconductor (TI)

Back Button HPC-DEV-SUNC Datasheet HTML 22Page - National Semiconductor (TI) HPC-DEV-SUNC Datasheet HTML 23Page - National Semiconductor (TI) HPC-DEV-SUNC Datasheet HTML 24Page - National Semiconductor (TI) HPC-DEV-SUNC Datasheet HTML 25Page - National Semiconductor (TI) HPC-DEV-SUNC Datasheet HTML 26Page - National Semiconductor (TI) HPC-DEV-SUNC Datasheet HTML 27Page - National Semiconductor (TI) HPC-DEV-SUNC Datasheet HTML 28Page - National Semiconductor (TI) HPC-DEV-SUNC Datasheet HTML 29Page - National Semiconductor (TI) HPC-DEV-SUNC Datasheet HTML 30Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
Development Support (Continued)
Development Tools Selection Table
(Continued)
Product
Order
Description
Included
Manual Number
Part Number
Complete System
HPC46400E
HPC-DEV-SYS2
HPC In-System Emulator with C
HPC Microcontroller
420420184-001
Development System
Compiler AssemblerLinkerLibrary
User’s Manual
and Source Symbolic Debugger
HPC-DEV-SYS2-E
Same for Europe and South East Asia
HPC 46400E User’s Manual
420420213-001
C-Compiler Manual
424410883-001
Assembler Manual
424410836-001
Debugger User’s Manual
424420189-001
DIAL-A-HELPER
Dial-A-Helper is a service provided by the Microcontroller
Applications Group Dial-A-Helper is an electronic bulletin
board information system and additionally provides the ca-
pability of remotely accessing the development system at a
customer site
INFORMATION SYSTEM
The Dial-A-Helper system provides access to an automated
information storage and retrieval system that may be ac-
cessed over standard dial-up telephone lines 24 hours a
day The system capabilities include a MESSAGE SECTION
(electronic mail) for communications to and from the Micro-
controller Applications Group and a FILE SECTION which
consists of several file areas where valuable application
software and utilities can be found The minimum require-
ment for accessing Dial-A-Helper is a Hayes compatible mo-
dem
If the user has a PC with a communications package then
files from the FILE SECTION can be down loaded to disk for
later use
Order PN MOLE-DIAL-A-HLP
Information System Package Contains
Dial-A-Helper Users Manual
Public Domain Communications Software
FACTORY APPLICATIONS SUPPORT
Dial-A-Helper also provides immediate factory applications
support If a user is having difficulty in operating a develop-
ment system he can leave messages on our electronic bul-
letin board which we will respond to
Voice
(408) 721-5582
Modem (408) 739-1162
Baud
300 or 1200 baud
Set-Up
Length
8-Bit
Parity
None
Stop Bit 1
Operation 24 Hrs 7 Days
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30