| データシートサーチシステム |
|
L9474 データシート(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9474 データシート(HTML) 5 Page - STMicroelectronics |
|
5 / 8 page ![]() 5/8 L9474 Table 8. Regulation Features Notes: 5. A 128Hz PWM signal applied to L input, higher than this threshold, will turn on the device. 6. This threshold on the phase signal is used to detect the phase frequency, fIFR, for the Initiation of field regulation. 7. This threshold on the phase signal is used to sense the presence of the phase for fault detection purposes. Furthermore, to prevent the loss of phase signal, a 31.25% duty cycle is applied to field output when phase drops below Vp2 and Vgo is above setpoint. 8. This is the time duration the L9474 takes to rump up from 0 % to 100% duty cycle in response to an increased load on the gen- erator. The LRC ratio is set 1:4 and the Vreg comparator status is latched at foundamental frequency rate. Symbol Parameter Test Condition Min. Typ. Max. Unit VLON Lamp term turn on 5 threshold fL = 128Hz +/-5% 0.65 0.9 1.15 V ILON VL = 0.65V 0.3 1.5 mA VP1 Initiation of regulation detection phase voltage threshold 6 IP = 1mA (sinking current) 0.35 V VP2 Fault detection phase voltage threshold 7 7 89V IP Sinking current @ P terminal VP = 1.5V 0.5 1 1.8 mA fIFR Initiation of field regulation frequency 72 Hz FSDF Field Strobe Duty Factor @ "power up" with fPHASE < fIFR 12.5 % LRC Load Response Control rate 8 2.125 2.5 2.875 s fLRC LRC transition frequency LRC disabled above this value 263 310 357 Hz ∆gnd Difference between ECM & Alternator ground -0.2 0.2 V |