データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GRF2070 データシート(PDF) 4 Page - Guerrilla RF, Inc.

部品番号 GRF2070
部品情報  Ultra-Low Noise Amplifier Tuning Range: 0.1 to 1.5 GHz
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GUERRILLA [Guerrilla RF, Inc.]
ホームページ  https://www.guerrilla-rf.com/
Logo GUERRILLA - Guerrilla RF, Inc.

GRF2070 データシート(HTML) 4 Page - Guerrilla RF, Inc.

  GRF2070 Datasheet HTML 1Page - Guerrilla RF, Inc. GRF2070 Datasheet HTML 2Page - Guerrilla RF, Inc. GRF2070 Datasheet HTML 3Page - Guerrilla RF, Inc. GRF2070 Datasheet HTML 4Page - Guerrilla RF, Inc. GRF2070 Datasheet HTML 5Page - Guerrilla RF, Inc. GRF2070 Datasheet HTML 6Page - Guerrilla RF, Inc. GRF2070 Datasheet HTML 7Page - Guerrilla RF, Inc. GRF2070 Datasheet HTML 8Page - Guerrilla RF, Inc. GRF2070 Datasheet HTML 9Page - Guerrilla RF, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
GRF2070
Guerrilla RF Proprietary Information. Guerrilla RFTM and the composite logo of Guerrilla RFTM are trademarks of Guerrilla RF, Inc. ©2014 Guerrilla RF, Inc. All rights reserved.
Revision Date: 05/30/19
Please contact Guerrilla RF at (+1) 336-510-7840 or sales@guerrilla-rf.com
Released
Ultra-Low Noise Amplifier
Tuning Range: 0.1 to 1.5 GHz
Nominal Operating Parameters:
Parameter
Symbol
Specification
Unit
Condition
Min.
Typ.
Max.
Gain Mode (Venable high)
VDD = 5.0 V, TA = 25°C
Test Frequency
FTEST
900
MHz
700 to 960 MHz Tune
Evaluation Board Gain
S21
19.8
20.8
dB
Evaluation Board Noise Figure
NF
0.38
0.58
dB
Evaluation Board SMA to SMA
Output 3rd Order Intercept Point
OIP3
38.8
dBm
+4.0 dBm POUT per tone at 2 MHz
Spacing (899 and 901 MHz)
Output 1dB Compression Point
OP1dB
18.6
20.1
dBm
Switching Rise Time
TRISE
1800
ns
Switching Fall Time
TFALL
900
ns
Supply Current
IDD
70
mA
Adjustable for optimal IP3
Enable Current
IENABLE
3.5
mA
Thermal Data
Thermal Resistance (measured via IR scan)
jc
60
ᵒC/W
On standard evaluation board
Channel Temperature @ +85 C Reference
(Package Heat Sink)
TCHANNEL
106
(See note)
ᵒC
VDD: 5.0 V; IDDQ: 70 mA; No RF;
PDISS: 350 mW
Note: MTTF >10^6 hours for TCHANNEL < =170 degrees C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com