データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GRF2093 データシート(PDF) 4 Page - Guerrilla RF, Inc.

部品番号 GRF2093
部品情報  Ultra-Low Noise Amplifier Tuning Range: 1.0 to 6.0 GHz
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GUERRILLA [Guerrilla RF, Inc.]
ホームページ  https://www.guerrilla-rf.com/
Logo GUERRILLA - Guerrilla RF, Inc.

GRF2093 データシート(HTML) 4 Page - Guerrilla RF, Inc.

  GRF2093 Datasheet HTML 1Page - Guerrilla RF, Inc. GRF2093 Datasheet HTML 2Page - Guerrilla RF, Inc. GRF2093 Datasheet HTML 3Page - Guerrilla RF, Inc. GRF2093 Datasheet HTML 4Page - Guerrilla RF, Inc. GRF2093 Datasheet HTML 5Page - Guerrilla RF, Inc. GRF2093 Datasheet HTML 6Page - Guerrilla RF, Inc. GRF2093 Datasheet HTML 7Page - Guerrilla RF, Inc. GRF2093 Datasheet HTML 8Page - Guerrilla RF, Inc. GRF2093 Datasheet HTML 9Page - Guerrilla RF, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
GRF2093
Guerrilla RF Proprietary Information. Guerrilla RFTM and the composite logo of Guerrilla RFTM are trademarks of Guerrilla RF, Inc. ©2014 Guerrilla RF, Inc. All rights reserved.
Revision Date: 09/09/19
Please contact Guerrilla RF at (+1) 336-510-7840 or sales@guerrilla-rf.com
Preliminary
Ultra-Low Noise Amplifier
Tuning Range: 1.0 to 6.0 GHz
Nominal Operating Parameters:
Parameter
Symbol
Specification
Unit
Condition
Min.
Typ.
Max.
Test Frequency
FTEST
2332.5
MHz
VDD = 5.0 V, TA = 25°C
Gain
S21
20.2
22.0
23.2
dB
Evaluation Board Noise Figure
NF
0.37
0.57
dB
Incudes Board Losses
Output 1dB Compression Power
OP1dB
17.2
19.0
dBm
Output 3rd Order Intercept
OIP3
35.5
dBm
4.0 dBm POUT per tone at 2 MHz
Spacing (2331.5 and 2333.5 MHz)
Switching Rise Time
TRISE
400
ns
Switching Fall Time
TFALL
100
ns
Supply Current
IDD
40
55
70
mA
VDD==VENABLE=5.0V; RBIAS=3.3k Ohm
Enable Current
IENABLE
1.8
mA
Leakage Current
ILEAKAGE
180
uA
VDD: 5.0V; VENABLE: 0.0V
Thermal Data
Thermal Resistance: (Infra-Red Scan)
jc
43
ᵒC/W
On standard Evaluation Board
Channel Temperature @ +85 C Reference
(Package heat sink)
TCHANNEL
100
(See note)
ᵒC
VDD: 5.0 V; IDDQ: 70 mA; No RF;
PDISS: 350 mW
Note: MTTF >10^6 hours for TCHANNEL <=170 degrees C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com