データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PCI6621 データシート(PDF) 32 Page - Texas Instruments

部品番号 PCI6621
部品情報  DUAL/SINGLE SOCKET CARDBUS AND ULTRAMEDIA CONTROLLER
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

PCI6621 データシート(HTML) 32 Page - Texas Instruments

Back Button PCI6621 Datasheet HTML 28Page - Texas Instruments PCI6621 Datasheet HTML 29Page - Texas Instruments PCI6621 Datasheet HTML 30Page - Texas Instruments PCI6621 Datasheet HTML 31Page - Texas Instruments PCI6621 Datasheet HTML 32Page - Texas Instruments PCI6621 Datasheet HTML 33Page - Texas Instruments PCI6621 Datasheet HTML 34Page - Texas Instruments PCI6621 Datasheet HTML 35Page - Texas Instruments PCI6621 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 204 page
background image
2−12
Table 2−3. 16-Bit PC Card Signal Names Sorted Alphabetically (Continued)
SIGNAL NAME
TERMINAL
NUMBER
SIGNAL NAME
TERMINAL
NUMBER
SIGNAL NAME
TERMINAL
NUMBER
SIGNAL NAME
TERMINAL
NUMBER
GND
H13
PCLK
P05
SC_GPIO5
J06
SM_PHYS_WP
K02
GND
J09
PERR
V08
SC_GPIO6
H03
SM_R/B
K01
GND
J10
PHY_TEST_MA
R17
SC_OC
L03
SM_RE
J05
GND
J11
PRST
R03
SC_PWR_CTRL
L05
SM_WE
F03
GND
K09
REQ
U01
SC_RFU
K01
SPKROUT
L07
GND
K10
RI_OUT/PME
T03
SC_RST
K03
STOP
W08
GND
K11
RSVD
M11
SC_VCC_5V
K07
SUSPEND
R02
GND
L08
RSVD
P15
SDA
M02
TEST0
P12
GND
L09
RSVD
R12
SD_CD
E03
TRDY
R08
GND
L10
RSVD
R18
SD_CLK
G05
VCC
H08
GND
L11
RSVD
R19
SD_CLK
J05
VCC
H09
GND
L12
RSVD
T19
SD_CMD
F03
VCC
H10
GND
M08
RSVD
U13
SD_CMD
J03
VCC
H11
GNT
T02
RSVD
U15
SD_DAT0
G01
VCC
H12
GRST
T01
RSVD
U17
SD_DAT0
H03
VCC
J08
IDSEL
W05
RSVD
U18
SD_DAT1
G02
VCC
J12
IRDY
U07
RSVD
U19
SD_DAT1
J06
VCC
K08
LATCH
N02
RSVD
V13
SD_DAT2
G03
VCC
K12
MC_PWR_CTRL_0
F01
RSVD
V14
SD_DAT2
J01
VCC
M07
MC_PWR_CTRL_1
F02
RSVD
V15
SD_DAT3
H05
VCC
M09
MFUNC0
N03
RSVD
V16
SD_DAT3
J02
VCC
M10
MFUNC1
M05
RSVD
V18
SD_WP
H07
VCC
M12
MFUNC2
P01
RSVD
W14
SERR
U08
VCC
N07
MFUNC3
P02
RSVD
W15
SM_ALE
J03
VCCA
A05
MFUNC4
P03
RSVD
W16
SM_CD
F06
VCCA
A11
MFUNC6
R01
RSVD
W18
SM_CE
H07
VCCB
D19
MFUNC5
N05
SCA
M03
SM_CLE
J07
VCCB
K19
MS_BS
F03
SC_CD
L02
SM_D0
G01
VCCP
W03
MS_CD
F05
SC_CLK
K05
SM_D1
G02
VCCP
W10
MS_CLK
G05
SC_DATA
L01
SM_D2
G03
VDPLL_15
T18
MS_DATA1
G02
SC_FCB
K02
SM_D3
H05
VDPLL_33
V19
MS_DATA2
G03
SC_GPIO0
J07
SM_D4
H03
VR_EN
H02
MS_DATA3
H05
SC_GPIO1
J05
SM_D5
J06
VR_PORT
H01
MS_SDIO(DATA0)
G01
SC_GPIO2
J03
SM_D6
J01
VR_PORT
M19
NC
W17
SC_GPIO3
J02
SM_D7
J02
VSSPLL
P14
PAR
P09
SC_GPIO4
J01
SM_EL_WP
G05
VSSPLL
T17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More