| データシートサーチシステム |
|
AX6000 データシート(PDF) 2 Page - TP-Link Technologies Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
AX6000 データシート(HTML) 2 Page - TP-Link Technologies Co., Ltd. |
|
2 / 7 page ![]() The Archer AX6000 is TP-Link’s first router with Wi-Fi 6 – based on the next generation 802.11ax Wi-Fi technology. Take your Wi-Fi to the next level while being backwards compatible with 802.11a/b/g/n/ac Wi-Fi standards. Defend your system from malicious threats that can sneak through downloads and file sharing. TP-Link HomeCareTM, powered by Trend MicroTM, protects every device from the latest cyber threats with powerful security, built-in antivirus, and cutting-edge intrusion prevention, comprehensively creating a highly protected smart home environment. Faster. Broader. Higher Capacity. HomecareTM for Comprehensive Home Threat Protection Highlights TP-Link AX6000 Next-Gen Wi-Fi Router AX6000 4x Higher Performance The new Downlink and Uplink MU-MIMO and OFDMA achieve a performance boost 4× that of 802.11ac 3x Faster Speed 1024 QAM and Long OFDM Symbol boost overall speeds up to an incredible 6000 Mbps 4x Larger Capacity OFDMA greatly increases the number of connected devices by assigning channels to more devices simultaneously Boosted Coverage Beamforming and RangeBoost technology provide stronger, more reliable connections Antivirus protects your devices from viruses and malware. Powerful Parental controls keep your family safe while online. Quality of Service prioritizes devices and applications for a faster network. |