| データシートサーチシステム |
|
LPC47M14X データシート(PDF) 45 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
LPC47M14X データシート(HTML) 45 Page - SMSC Corporation |
|
45 / 205 page ![]() SMSC DS – LPC47M14X Page 45 Rev. 03/19/2001 WRITE DELETED DATA DATA BUS PHASE R/W D7 D6 D5 D4 D3 D2 D1 D0 REMARKS Command W MT MFM 0 0 1 0 0 1 Command Codes W 0 0 0 0 0 HDS DS1 DS0 W C Sector ID information prior to Command execution. W H W R W N W EOT W GPL W DTL Execution Data transfer between the FDD and system. Result R ST0 Status information after Command execution. R ST1 R ST2 R C Sector ID information after Command execution. R H R R R N READ A TRACK DATA BUS PHASE R/W D7 D6 D5 D4 D3 D2 D1 D0 REMARKS Command W 0 MFM 0 0 0 0 1 0 Command Codes W 0 0 0 0 0 HDS DS1 DS0 W C Sector ID information prior to Command execution. W H W R W N W EOT W GPL W DTL Execution Data transfer between the FDD and system. FDC reads all of cylinders' contents from index hole to EOT. Result R ST0 Status information after Command execution. R ST1 R ST2 R C Sector ID information after Command execution. R H R R R N |