| データシートサーチシステム |
|
HD49335F データシート(PDF) 12 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD49335F データシート(HTML) 12 Page - Renesas Technology Corp |
|
12 / 30 page ![]() HD49335F/HF Rev.1.0, Feb.25.2004, page 12 of 29 Detailed Timing Specifications at Pre-Blanking Figure 5 shows the pre-blanking detailed timing specifications. Digital output (D0 to D9) ADC data Clamp Level ADC data PBLK ADCLK × 2 clock ADCLK × 10 clock Vth VOL VOH Figure 5 Detailed Timing Specifications at Pre-Blanking Detailed Timing Specifications when ADCIN Input Mode is Used Figure 6 shows the detailed timing chart when ADCIN input mode is used, and table 9 shows each timing specification. ADC_in (1) ADCLK D0 to D9 (2) Vth VDD/2 (3) (5) (4) Figure 6 Detailed Timing Chart when ADCIN Input Mode is Used Table 9 Timing Specifications when ADCIN Input Mode is Used No. Timing Symbol Min Typ Max Unit (1) Signal fetch time tADC1 — (6) — ns (2), (3) ADCLK tWH min./tWL min. tADC2, 3 Typ × 0.85 1/2fADCLK Typ × 1.15 ns (4) ADCLK rising to digital output hold time tAHLD4 — (14.5) — ns (5) ADCLK rising to digital output delay time tAOD5 — (23.5) — ns |