| データシートサーチシステム |
|
PESDXUSB30 データシート(PDF) 10 Page - Nexperia B.V. All rights reserved |
|
|
|||||||||||||||||||||||||||||
PESDXUSB30 データシート(HTML) 10 Page - Nexperia B.V. All rights reserved |
|
10 / 19 page ![]() PESDXUSB30_SER All information provided in this document is subject to legal disclaimers. © N experia B.V. 2016. All rights reserved. Product data sheet Rev. 2 — 26 April 2016 10 of 19 Nexperia PESDxUSB30 series ESD protection for differential data lines 7. Application information The device is designed to provide high-level ESD protection for differential high-speed data line pairs such as: • USB 3.1 • HDMI 2.0 • Transition-Minimized Differential Signaling (TMDS) • DisplayPort • external Serial Advanced Technology Attachment (eSATA) • Low Voltage Differential Signaling (LVDS) When designing the PCB, give careful consideration to impedance matching and signal coupling. Do not connect the protected signal lines to unlimited current sources like, for example, a battery. Since the SuperSpeed TX/RX lines are separated by GND or VBUS from the Hi-Speed lines, PESD1USB30 makes it easy to achieve same signal lengths, straight routing, and optimal positioning for ESD protection directly at the connector. Fig 14. Application diagram: protecting the differential data lines of a USB Type-C connector evaluation dongle with PESD1USB30 |