| データシートサーチシステム |
|
PEMI6CSP/RW データシート(PDF) 8 Page - Nexperia B.V. All rights reserved |
|
|
|||||||||||||||||||||||||||||
PEMI6CSP/RW データシート(HTML) 8 Page - Nexperia B.V. All rights reserved |
|
8 / 17 page ![]() PEMIXCSP_FAM All information provided in this document is subject to legal disclaimers. © NXP B.V. 2012. All rights reserved. Product data sheet Rev. 2 — 27 January 2012 7 of 16 NXP Semiconductors PEMIxCSP family 4-, 6- and 8-channel passive filter network with ESD protection 8. Marking All dies are laser-marked with the following information (see Figure 9 and 10): • A marker indicating the pin A1 position. • Two lines of characters or numbers: – The first line (placeholder <marking code>) indicates the marking code. Mapping of product type numbers to marking codes is given in Table 6. – The second line (placeholder <lot ID>) indicates the production lot. This information enable to track a device down to a particular production date. Fig 9. PEMI4CSP and PEMI6CSP: outline of the marking Fig 10. PEMI8CSP: outline of the marking Table 6. Marking codes Type number Marking code Type number Marking code PEMI4CSP/RT RT PEMI6CSP/RW RW PEMI4CSP/RW RW PEMI8CSP/RT/P RT PEMI6CSP/RT RT PEMI8CSP/RW/P RW 018aaa081 pin A1 marker 018aaa082 pin A1 marker <marking code> <lot ID> |