データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MTC20136 データシート(PDF) 4 Page - STMicroelectronics

部品番号 MTC20136
部品情報  ADSL TRANSCEIVER CONTROLLER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MTC20136 データシート(HTML) 4 Page - STMicroelectronics

  MTC20136 Datasheet HTML 1Page - STMicroelectronics MTC20136 Datasheet HTML 2Page - STMicroelectronics MTC20136 Datasheet HTML 3Page - STMicroelectronics MTC20136 Datasheet HTML 4Page - STMicroelectronics MTC20136 Datasheet HTML 5Page - STMicroelectronics MTC20136 Datasheet HTML 6Page - STMicroelectronics MTC20136 Datasheet HTML 7Page - STMicroelectronics MTC20136 Datasheet HTML 8Page - STMicroelectronics MTC20136 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
MTC20136
4/25
The table below describes the pins, organized per interface. Some of these pins have a multiple function-
ality. In this case both functionalities are mentioned.
Name
I/O Type
Description
External Bus Interface
E_A[19:16]
O
Address bus MSBs
E_A[15:0]
I/O
Address bus LSBs / Testbus MSBs
E_D[15:0]
I/O
Data bus / Testbus LSBs
E_CLK
O
EBI clock (ASIC Access)
E_ALE
O
Address latch enable (ASIC Access)
E_nCS_0
O
Chip select signal (Memory Bank 0)
E_nCS_1
O
Chip select signal (Memory Bank 1)
E_nCS_S
O
Chip select signal (SDRAM)
E_nCS_4
O
Chip select signal (ASIC 1)
E_nCS_5
O
Chip select signal (ASIC 2)
E_nCS_6
O
Chip select signal (ASIC 3)
E_nCS_7
O
Chip select signal (ASIC 4)
E_nRDYRCV
I
Data acknowledge
E_nOE
O
Output enable
E_nWE0
O
Write enable LSB / W/notR indication
E_nWE1
O
Write enable MSB
Clock Bus Interface
CLK_IN
I
MTC20136 Master clock
Parallel Port Interface
PA[0]
I/O
Port A bit[0]
PA[1]
I/O
Port A bit[1]
UART1 Interface
RSTXD1
O
Serial TX port
RSRXD1
I
Serial RX port
UART2 Interface
RSTXD2
O
Serial TX port
RSRXD2
I
Serial RX port
Interrupt Interface
EIT_0
I
External interrupt lines
EIT_1
I
External interrupt lines
EIT_2
I
External interrupt lines
EIT_3
I
External interrupt lines
JTAG Interface
nTRST
I-PU
Reset JTAG interface
TCK
I-PU
JTAG clock
TDI
I-PU
Test Data In
TMS
I-PU
Test Mode Select
TDO
O
Test Data Out
Reset Interface
RESETN
I
Reset signal (Active High)
Boot Interface
TROM
I
Boot from ROM select



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25