| データシートサーチシステム |
|
74HCT393D-Q100 データシート(PDF) 4 Page - Nexperia B.V. All rights reserved |
|
|
|||||||||||||||||||||||||||||
74HCT393D-Q100 データシート(HTML) 4 Page - Nexperia B.V. All rights reserved |
|
4 / 20 page ![]() © Nexperia B.V. 2017. All rights reserved 74HC_HCT393_Q100 All information provided in this document is subject to legal disclaimers. Product data sheet Rev. 1 — 19 June 2014 4 of 20 Nexperia 74HC393-Q100; 74HCT393-Q100 Dual 4-bit binary ripple counter 5. Pinning information 5.1 Pinning Fig 6. Pin configuration SO14 (1) This is not a supply pin. The substrate is attached to this pad using conductive die attach material. There is no electrical or mechanical requirement to solder this pad. However, if it is soldered, the solder land should remain floating or be connected to VCC. Fig 7. Pin configuration TSSOP14 Fig 8. Pin configuration DHVQFN14 |