| データシートサーチシステム |
|
STV5346/H データシート(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STV5346/H データシート(HTML) 9 Page - STMicroelectronics |
|
9 / 21 page ![]() FUNCTIONAL DESCRIPTION (continued) II - Ghost Row Memory Map Row Address of Stored Data Designation Code Row (Packet) Number Function 00 0 0 0 X / 26 Enhanced display facilities Page related data stored in chapter corresponding to level 1 data, i.e. For 0 goes in 4 ”1 ” ” 5 ”2 ” ” 6 ”3 ” ” 7 10 0 0 1 20 0 1 0 30 0 1 1 40 1 0 0 50 1 0 1 60 1 1 0 70 1 1 1 81 0 0 0 91 0 0 1 10 10 10 11 10 11 12 11 00 13 11 01 14 11 10 15 0 0 1 0 X / 28 Conditional access 16 00 00 X/ 27 Editorial Linked pages 17 00 01 18 01 00 Composition 19 01 01 20 X / 24 Page extension stored here if R0D7 = 0 21 X / 25 Page extension 22 0 0 0 0 X / 28 Color definition 23 X X X X 8 / 30 * * Broadcasting service data packet 24 0 0 0 1 X/28 Character set designation 25 Not used * Packet 8/30 storage : 8/30/0,1 : chapter 4, row23 8/30/2,3 : chapter 5, row23 8/30/4 to 15 : chapter 6, row23 D0 PU0 PT0 MU0 MT0 HU0 HT0 C7 C11 MAG0 0 D1 PU1 PT1 MU1 MT1 HU1 HT1 C8 C12 MAG1 0 D2 PU2 PT2 MU2 MT2 HU2 C5 C9 C13 MAG2 0 D3 PU3 PT3 MU3 C4 HU3 C6 C10 C14 0 0 D4 HAM HAM HAM HAM HAM HAM HAM HAM FOUND 0 D5 000000 000 PBLF D6 000000 000 0 D7 000000 000 0 COLUMN 012345 678 9 Page number : - MAG = magazine, PU = page units, PT = page tens. Page sub-code : - MU = minutes units, MT = minutes tens, HU = hours units, HT = hours tens. PBLF = page being looked for, FOUND = low for page found, HAM = hamming error in byte, C4-14 = control bits. Table 1 : Row 25 Received Page Control Data Format STV5346 - STV5346/H - STV5346/T 9/21 |