データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STV5346D データシート(PDF) 20 Page - STMicroelectronics

部品番号 STV5346D
部品情報  MONOCHIP TELETEXT DECODER WITH 8 INTEGRATED PAGES
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV5346D データシート(HTML) 20 Page - STMicroelectronics

Back Button STV5346D Datasheet HTML 13Page - STMicroelectronics STV5346D Datasheet HTML 14Page - STMicroelectronics STV5346D Datasheet HTML 15Page - STMicroelectronics STV5346D Datasheet HTML 16Page - STMicroelectronics STV5346D Datasheet HTML 17Page - STMicroelectronics STV5346D Datasheet HTML 18Page - STMicroelectronics STV5346D Datasheet HTML 19Page - STMicroelectronics STV5346D Datasheet HTML 20Page - STMicroelectronics STV5346D Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
PACKAGE MECHANICAL DATA
28 PINS - PLASTIC DIP
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
a1
0.63
0.025
b
0.45
0.018
b1
0.23
0.31
0.009
0.012
b2
1.27
0.050
D
37.4
1.470
E
15.2
16.68
0.598
0.657
e
2.54
0.100
e3
33.02
1.300
F
14.1
0.555
I
4.445
0.175
L
3.3
0.130
STV5346 - STV5346/H - STV5346/T
20/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21