| データシートサーチシステム |
|
STV5346D/T データシート(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STV5346D/T データシート(HTML) 18 Page - STMicroelectronics |
|
18 / 21 page ![]() FUNCTIONAL DESCRIPTION (continued) Note 1 : Where PHCB are th e Page Header Control bits. Othe r Combinations default to German. Only the above characters change with the PHCB. All others characters in the basic set are shown in Table 7. Note 1 : Where PHCB are the Page Header Control bits. Other Combinations default to Turkish. Only th e above characters change with the PHCB. All others characters in the basic set are shown in Table 7. Table 9 : STV5346/H Character Set - East European Languages Table 10 : STV5346/T Character Set - Turkish European Languages STV5346 - STV5346/H - STV5346/T 18/21 |