データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PUSB3FR6 データシート(PDF) 9 Page - Nexperia B.V. All rights reserved

部品番号 PUSB3FR6
部品情報  ESD protection for ultra high-speed interfaces
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEXPERIA [Nexperia B.V. All rights reserved]
ホームページ  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PUSB3FR6 データシート(HTML) 9 Page - Nexperia B.V. All rights reserved

Back Button PUSB3FR6 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PUSB3FR6 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PUSB3FR6 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PUSB3FR6 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PUSB3FR6 Datasheet HTML 9Page - Nexperia B.V. All rights reserved PUSB3FR6 Datasheet HTML 10Page - Nexperia B.V. All rights reserved PUSB3FR6 Datasheet HTML 11Page - Nexperia B.V. All rights reserved PUSB3FR6 Datasheet HTML 12Page - Nexperia B.V. All rights reserved PUSB3FR6 Datasheet HTML 13Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Nexperia
PUSB3FR6
ESD protection for ultra high-speed interfaces
Dynamic resistance
The device uses an advanced clamping structure showing a negative dynamic resistance.
This snap-back behavior strongly reduces the clamping voltage to the system behind the ESD
protection during an ESD event. Do not connect unlimited DC current sources to the data lines to
avoid keeping the ESD protection device in snap-back state after exceeding breakdown voltage
(due to an ESD pulse for instance).
10. Package outline
14-05-07
Dimensions in mm
0.1
0.25
0.15
0.5
0.3
0.5
1.5
1.0
2.20
2.05
0.5
max
0.2
min
0.05 max
0.127
1.2
1.0
1
4
5
7
Fig. 14. Package outline XSON7 (SOT1358-1)
PUSB3FR6
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved
Product data sheet
11 October 2018
9 / 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13