| データシートサーチシステム |
|
SAFC161PI データシート(PDF) 14 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
SAFC161PI データシート(HTML) 14 Page - Infineon Technologies AG |
|
14 / 400 page ![]() &3, ,QWURGXFWLRQ User’s Manual 1-6 1999-08 Complete Development Support For the development tool support of its microcontrollers, Infineon follows a clear third party concept. Currently around 120 tool suppliers world-wide, ranging from local niche manufacturers to multinational companies with broad product portfolios, offer powerful development tools for the Infineon C500 and C166 microcontroller families, guaranteeing a remarkable variety of price-performance classes as well as early availability of high quality key tools such as compilers, assemblers, simulators, debuggers or in-circuit emulators. Infineon incorporates its strategic tool partners very early into the product development process, making sure embedded system developers get reliable, well-tuned tool solutions, which help them unleash the power of Infineon microcontrollers in the most effective way and with the shortest possible learning curve. The tool environment for the Infineon 16-bit microcontrollers includes the following tools: • Compilers (C, MODULA2, FORTH) • Macro-Assemblers, Linkers, Locaters, Library Managers, Format-Converters • Architectural Simulators • HLL debuggers • Real-Time operating systems • VHDL chip models • In-Circuit Emulators (based on bondout or standard chips) • Plug-In emulators • Emulation and Clip-Over adapters, production sockets • Logic Analyzer disassemblers • Starter Kits • Evaluation Boards with monitor programs • Industrial boards (also for CAN, FUZZY, PROFIBUS, FORTH applications) • Network driver software (CAN, PROFIBUS) |