データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

C8051F310 データシート(PDF) 38 Page - List of Unclassifed Manufacturers

部品番号 C8051F310
部品情報  8/16 kB ISP Flash MCU Family
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC1 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC1 - List of Unclassifed Manufacturers

C8051F310 データシート(HTML) 38 Page - List of Unclassifed Manufacturers

Back Button C8051F310 Datasheet HTML 34Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 35Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 36Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 37Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 38Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 39Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 40Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 41Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 42Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 224 page
background image
C8051F310/1/2/3/4/5/6/7
38
Rev. 1.6
P1.5
21
17
13
D I/O or
A In
Port 1.5. See Section 13 for a complete description.
P1.6
20
16
D I/O or
A In
Port 1.6. See Section 13 for a complete description.
P1.7
19
15
D I/O or
A In
Port 1.7. See Section 13 for a complete description.
P2.0
18
14
12
D I/O or
A In
Port 2.0. See Section 13 for a complete description.
P2.1
17
13
11
D I/O or
A In
Port 2.1. See Section 13 for a complete description.
P2.2
16
12
10
D I/O or
A In
Port 2.2. See Section 13 for a complete description.
P2.3
15
11
9
D I/O or
A In
Port 2.3. See Section 13 for a complete description.
P2.4
14
10
8
D I/O or
A In
Port 2.4. See Section 13 for a complete description.
P2.5
13
9
7
D I/O or
A In
Port 2.5. See Section 13 for a complete description.
P2.6
12
8
D I/O or
A In
Port 2.6. See Section 13 for a complete description.
P2.7
11
7
D I/O or
A In
Port 2.7. See Section 13 for a complete description.
P3.1
7
D I/O or
A In
Port 3.1. See Section 13 for a complete description.
P3.2
8
D I/O or
A In
Port 3.2. See Section 13 for a complete description.
P3.3
9
D I/O or
A In
Port 3.3. See Section 13 for a complete description.
P3.4
10
D I/O or
A In
Port 3.4. See Section 13 for a complete description.
Table 4.1. Pin Definitions for the C8051F31x (Continued)
Name
Pin Numbers
Type
Description
‘F310/2/4 ‘F311/3/5 ‘F316/7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More